| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 92 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 92 Page - LSI Computer Systems |
|
92 / 172 page ![]() 4-4 Registers Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. themselves and assert the interrupt pin, REGINT. Interrupt bits stay latched until they are read. When interrupt bits are read, the interrupt pin REGINT is deasserted and the interrupt bits that caused the interrupt are updated to their current value. Each interrupt bit can be individually masked and subsequently removed as an interrupt bit. Setting the appropriate mask register bits in “Register 14–Status Mask 1‚" Section 4.3.13, register and “Registers 120–123– Counter Half Full Mask 1-4‚" Section 4.3.24, preform this function. 4.1.3 Register Structure The Controller has 136 internal 16-bit registers. 22 registers are available for setting configuration inputs and reading status outputs. The remaining 114 registers are associated with the management counters. The location of all registers is described in Table 4.2 Register Address Table. The definition of each bit for each register is described in Section 4.3.1 through Section 4.3.25. 4.2 Register Addresses Table 4.2 lists the register number, register address, register name, and the paragraph that describes the register. Table 4.3 lists the register default values. Table 4.2 Register Addresses Register Numbers Register Address (REGAD[7:0] Pins) Register Name Paragraph Number 0 0b00000000 MAC Address 1 4.3.1 1 0b00000001 MAC Address 2 4.3.2 2 0b00000010 MAC Address 3 4.3.3 3 0b00000011 MAC Address Filter 1 4.3.4 4 0b00000100 MAC Address Filter 2 4.3.5 5 0b00000101 MAC Address Filter 3 4.3.6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |