Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 46 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 46 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 42Page - LSI Computer Systems 8101 Datasheet HTML 43Page - LSI Computer Systems 8101 Datasheet HTML 44Page - LSI Computer Systems 8101 Datasheet HTML 45Page - LSI Computer Systems 8101 Datasheet HTML 46Page - LSI Computer Systems 8101 Datasheet HTML 47Page - LSI Computer Systems 8101 Datasheet HTML 48Page - LSI Computer Systems 8101 Datasheet HTML 49Page - LSI Computer Systems 8101 Datasheet HTML 50Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 172 page
background image
2-28
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.11.2 8B10B Decoder
The 8B10B decoder performs the reverse process of the 8B10B encoder.
The 8B10B decoder converts each 10-bit word back into an 8-bit byte
using the code conversion tables defined in IEEE 802.3z and shown in
Table 2.7 (in abbreviated form) and Table 2.8. The 8B10B decoder also
checks the running disparity of the incoming 10B word to insure that it is
correct.
A PCS codeword error results if the 8B10B decoder detects any of the
following:
• A 10B word that is not valid (does not appear in Table 2.7)
• An ordered set that is not valid (does not appear in Table 2.8)
• An error in the running disparity
Packets with PCS codeword errors are normally discarded. Refer to
Section 2.13, “Packet Discard” for more details on discards. Clearing the
DIS_CWRD bit in “Register 8–Configuration 2‚" Section 4.3.9, programs
the controller to not discard a packet with PCS codeword errors.
Table 2.8
10B Defined Ordered Sets
10B Code
Symbol
Description
10B Codes
Begin
RD
End
RD
/C1/
Link
Configuration 1
/K28.5/1
/D21.5/
config_word1
config_word2
+ or -
flip2
/C2/
Link
Configuration 2
/K28.5/1
/D2.2/
config_word1
config_word2
+or
−
same2
/C/
Link
Configuration
Alternating
/C1/ & /C2/
––
/I1/
Idle 1
/K28.5/
/D5.6/
+–
/I2/
Idle 2
/K28.5/
/D16.2/
––
/I/
Idle
/I1/ or /I2/
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com