| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 62 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 62 Page - LSI Computer Systems |
|
62 / 172 page ![]() 2-44 Functional Description Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. When FCNTRL is deasserted and the MAC control AutoSend threshold is not exceeded, one last autogenerated pause frame of pause_time = 0 is transmitted. To compensate for latency, the internal pause timer internally shortens itself by 32 units from the value programmed in “Register 20–Flow Control 2‚" Section 4.3.17. Clearing the MCENDPS bit in “Register 19–Flow Control 1‚" Section 4.3.16 programs the controller to eliminate the last autogenerated pause frame with a pause_time = 0. The structure of the autogenerated pause frame is described in Figure 2.7. Note: The source address and pause_time parameter fields are programmable through internal registers as shown in Figure 2.7. The FCNTRL pin and the MAC control AutoSend threshold can be individually disabled, (they can be programmed to no longer initiate the transmission of autogenerated pause frames). The FCNTRL pin is enabled by default. Setting the FCNTRL_DIS bit in “Register 9– Configuration 3‚" Section 4.3.10, disables the FCNTRL pin. The MAC control AutoSend is disabled by default. Appropriately setting the MAC control MCASND[3:0] bits in “Register 19–Flow Control 1‚" Section 4.3.16, enables the MAC control AutoSend. 2.17.2 Transmitter Pause Disable Receive pause frames normally pause the transmitter. Clearing the MCNTRL bit in “Register 19–Flow Control 1‚" Section 4.3.16, programs the controller to not pause the transmitter. When the MCNTRL bit is 0 received pause frames do not affect the transmitter. 2.17.3 Pass Through to FIFO Receive pause frames are normally discarded and not passed to the receive FIFO. Appropriately setting the MCPASS[1:0] bits in “Register 19–Flow Control 1‚" Section 4.3.16, allows the receive pause frames to be passed to the receive FIFO. These bits allow either all MAC control frames, nonpause frames only, or pause frames only to be passed to the receive FIFO. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |