Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 74 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 74 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 70Page - LSI Computer Systems 8101 Datasheet HTML 71Page - LSI Computer Systems 8101 Datasheet HTML 72Page - LSI Computer Systems 8101 Datasheet HTML 73Page - LSI Computer Systems 8101 Datasheet HTML 74Page - LSI Computer Systems 8101 Datasheet HTML 75Page - LSI Computer Systems 8101 Datasheet HTML 76Page - LSI Computer Systems 8101 Datasheet HTML 77Page - LSI Computer Systems 8101 Datasheet HTML 78Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 172 page
background image
2-56
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
a. Bad RX packet = legal-length error, CRC error, receive FIFO overflow, symbol error.
Where: CRC Error is bad FCS with an integral number of octets. Alignment Error is bad FCS with
nonintegral number of octets. Symbol Error is an invalid codeword or a /V/.
b. Bad TX packet = legal-length error, transmit FIFO underflow.
c. Legal-length packet is between 64 and Max_Packet_Length in bytes. Preamble is not included
in length count.
d. Max_Packet_Length for the counters can be programmed to be either 1518, 1522, 1535, or
unlimited bytes. 1518 is the default for both transmit and receive.
e. The counter result is stored in two 16-bit registers. Thus, there are two register addresses for
each counter. Of the two registers for a given counter, the register with the lower value address
contains the least significant counter bits.
f. The RMON specs explicitly states that packet and octet counters should only tabulate received
information. This is sometimes interpreted to mean both transmitted and received information
because Ethernet was originally a shared media. As such, transmit packet and octet counters are
also available in counters 18–27 and can be summed with receive packet and octet counts if
desired.
49
aSQETestErrors
RX
Number of times SQE was asserted.
Equivalent to "dot3StatsSQETestError"
32
Use Ctr. #40
50
aSymbolErrorDuringCarrier
RX
One or more symbol errors received
from a PHY during packet reception,
exclusive of collision. This counter is
only incremented once per packet,
regardless of the number
of symbol errors in that packet.
32
0b11100010
0b11100011
aMACControlFramesTransmitted
TX
Valid MAC Control packets.
Equivalent to
"apauseMACCtrlFramesTransmitted"
Use Ctr. #52
aMACControlFramesReceived
RX
Valid MAC Control packets.
Equivalent to
"apauseMACCtrlFramesReceived"
Use Ctr. #53
51
aUnsupportedOpcodesReceived
RX
Valid MAC Control packets
with non-pause opcode.
32
0b11100100
0b11100101
52
apauseMACCtrlFramesTransmitted
TX
Valid MAC Control packets
with pause opcode.
32
0b11100110
0b11100111
53
apauseMACCtrlFramesReceived
RX
Valid MAC Control packets
with pause opcode.
32
0b11101000
0b11101001
1. Footnotes
Table 2.14
Counter Definition (Cont.)
Counter
Number
Counter Name
(MIB Object Name)
Counter Description
RX/TX
Definition
Size
(Bits)
Register
Address
REGAD[7:0]
(Low/High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com