| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 66 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 66 Page - LSI Computer Systems |
|
66 / 172 page ![]() 2-48 Functional Description Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. All counters are 32 bits wide. To obtain each 32-bit counter result, perform a read operation over the register interface. The address locations for each counter are shown in both Table 2.14 and Table 4.2. For the two 16-bit register locations associated with each 32-bit counter, the register with the lower value address always contains the least significant 16 bits of the counter result. Thus, C0 of the lower value address register is the counter LSB; C15 of the higher value address register is the counter MSB. When a counter read operation is initiated, the 32-bit counter result to be accessed is transferred to two internal 16-bit holding registers. These holding registers freeze and store the counter result for the duration of the read operation, while allowing the internal counter to continue to increment if needed. When a counter is read, the count can, under program control, be automatically reset to zero or remain unchanged. Counters can be programmed to either stop counting when they reach their maximum count or roll over. Burst reading is only supported for the low and high value address of the same counter. To read the value of multiple counters, either REGCSn or REGRDn must be deasserted then reasserted. Each counter has an associated status bit that is set when the counter becomes half full. These status bits can be individually programmed to cause an interrupt. The counter set in Table 2.14 includes the packet and octet statistics for the transmit and receive sides. The RMON specification literally states that packet and octet counters should only tabulate received information. This is sometimes interpreted to mean both transmitted and received information because Ethernet was originally a shared media protocol. As such, packet and octet counters for both transmit and receive are available in the controller, and the transmit and receive packet and octet counts can be summed together if desired. The exact correspondence of the actual MIB objects from the IETF and IEEE specifications to the actual controller counters locations is described in Chapter 5, Application Information. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |