Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 44 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 44 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 40Page - LSI Computer Systems 8101 Datasheet HTML 41Page - LSI Computer Systems 8101 Datasheet HTML 42Page - LSI Computer Systems 8101 Datasheet HTML 43Page - LSI Computer Systems 8101 Datasheet HTML 44Page - LSI Computer Systems 8101 Datasheet HTML 45Page - LSI Computer Systems 8101 Datasheet HTML 46Page - LSI Computer Systems 8101 Datasheet HTML 47Page - LSI Computer Systems 8101 Datasheet HTML 48Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 172 page
background image
2-26
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
• Adds the end of packet delimiter
• Adds the idle code stream
• Formats the packet according to the 10B PHY format defined in IEEE
802.3z and shown in Figure 2.3
The 8B10B encoded data stream is then sent to the transmit 10-bit PHY
interface for transmission.
The transmit 8B10B PCS section also generates the AutoNegotiation
code stream when the controller is in the AutoNegotiation process.
The receive 8B10B PCS section takes the 8B10B encoded packet data
from the incoming 10-bit PHY interface and:
• Acquires and maintains word synchronization
• Strips off the start of packet delimiter
• Strips off the end of packet delimiter
• Strips off the idle code stream
• Decodes the data with the 8B10B decoder
• Converts the packet to the Ethernet packet format shown in
Figure 2.2
The Ethernet packet is then sent to the receive MAC for processing.
The receive 8B10B PCS section also decodes the AutoNegotiation code
stream when the controller is in the AutoNegotiation process.
2.11.1 8B10B Encoder
The 8B10B encoder converts each data byte of a packet into a unique
10-bit word as defined in IEEE 802.3z and shown in Table 2.7 (in
abbreviated form).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com