Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 34 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 34 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 30Page - LSI Computer Systems 8101 Datasheet HTML 31Page - LSI Computer Systems 8101 Datasheet HTML 32Page - LSI Computer Systems 8101 Datasheet HTML 33Page - LSI Computer Systems 8101 Datasheet HTML 34Page - LSI Computer Systems 8101 Datasheet HTML 35Page - LSI Computer Systems 8101 Datasheet HTML 36Page - LSI Computer Systems 8101 Datasheet HTML 37Page - LSI Computer Systems 8101 Datasheet HTML 38Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 172 page
background image
2-16
Functional Description
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
1. 1 = Append, 0 = No append
2. 1 = No append, 0 = Append
2.7.4 Interpacket Gap
If packets from the transmit FIFO arrive at the transmit MAC sooner than
the minimum IPG time the transmit MAC adds enough time between
packets to equal the minimum IPG value. The default IPG time is set to
96 bits (1 bit = 1 ns).To program other values, set the transmit IPG select
bits IPG[2:0] in “Register 7–Configuration 1‚" Section 4.3.8,as
summarized in Table 2.4.
Table 2.3
TXRC Bit and TXCRCn Pin Logic
TXCRC Bit1
TXCRCn2 Pin
CRC Appended to End of Packet?
11
Yes
10
Yes
01
No
00
Yes
Table 2.4
Transmit IPG Selection
IPG[2:0]
Bits
IPG Value
(ns)
Comments
111
96
IEEE minimum specification
110
112
101
80
100
64
011
192
2
× IEEE minimum specification
010
384
4
× IEEE minimum specification
001
768
8
× IEEE minimum specification
000
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com