Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 43 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 43 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 39Page - LSI Computer Systems 8101 Datasheet HTML 40Page - LSI Computer Systems 8101 Datasheet HTML 41Page - LSI Computer Systems 8101 Datasheet HTML 42Page - LSI Computer Systems 8101 Datasheet HTML 43Page - LSI Computer Systems 8101 Datasheet HTML 44Page - LSI Computer Systems 8101 Datasheet HTML 45Page - LSI Computer Systems 8101 Datasheet HTML 46Page - LSI Computer Systems 8101 Datasheet HTML 47Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 172 page
background image
8B10B PCS
2-25
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
the 8B10B PCS section. The watermarks stay asserted until the data in
the FIFO goes below the respective thresholds, and RXWM2 also stays
asserted until all end of packets (EOF) have been read out of the receive
FIFO. After the EOFs have been read out of the receive FIFO, the
watermarks cannot go active again until RXENn is deasserted.
2.10.2 RX Overflow
The receive FIFO overflow condition occurs when the receive RX FIFO
is full and additional data is still being written into it from the MAC. If the
receive FIFO overflows:
• The input to the RX FIFO is blocked and does not accept any more
data from the 8B10B PCS until RX FIFO space is freed up
• The data already stored in the RX FIFO for the partially loaded last
packet is normally discarded
• Any new data for the partially loaded last packet is also normally
discarded
Refer to Section 2.13, “Packet Discard” for more information about
discards. Clearing the DIS_OVF bit in “Register 8–Configuration 2‚"
Section 4.3.9, programs the controller to not discard a packet corrupted
by overflow.
2.10.3 RX Underflow
The receive FIFO underflow condition occurs when the system interface
is attempting to read data out of the RX FIFO when it is empty. If the RX
FIFO underflows, any data read out of the RX FIFO while the underflow
condition persists is invalid, and any new data for the partially loaded last
packet is stored in the RX FIFO and is not discarded.
2.11 8B10B PCS
The 8B10B PCS has a transmit section and a receive section.
The transmit 8B10B PCS section accepts Ethernet formatted packet data
from the transmit MAC and:
• Encodes the data with the 8B10B encoder
• Adds the start of packet delimiter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com