Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 100 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 100 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 96Page - LSI Computer Systems 8101 Datasheet HTML 97Page - LSI Computer Systems 8101 Datasheet HTML 98Page - LSI Computer Systems 8101 Datasheet HTML 99Page - LSI Computer Systems 8101 Datasheet HTML 100Page - LSI Computer Systems 8101 Datasheet HTML 101Page - LSI Computer Systems 8101 Datasheet HTML 102Page - LSI Computer Systems 8101 Datasheet HTML 103Page - LSI Computer Systems 8101 Datasheet HTML 104Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 172 page
background image
4-12
Registers
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
4.3.2 Register 1–MAC Address 2
Note:
A[31] 15-bit occurs on the REGD15 pin.
A[31:16]
MAC Address, Second Word
[15:0], R/W
This is the second of three words in the 48-bit MAC
address.
The MAC address is used to receive unicast address
filtering of the DA, and serves as the SA for automatically
generated MAC control pause frames.
A0 (see Register 2) corresponds to the first bit
transmitted or received by the MAC section (DA[0] or
SA[0] in Figure 2.3.
4.3.3 Register 2–MAC Address 3
Note:
A[15] 15-bit occurs on the REGD15 pin.
A[15:0]
MAC Address, Third Word
[15:0], R/W
This is the third of three words that comprise the 48-bit
MAC address.
The MAC address is used to receive unicast address
filtering of the DA, and serves as the SA for automatically
generated MAC control pause frames.
A0 corresponds to the first bit transmitted or received by
the MAC section (DA[0] or SA[0] in Figure 2.3).
4.3.4 Register 3–MAC Address Filter 1
15
0
A[31:16]
15
0
A[15:0]
15
8
F7[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com