| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 48 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 48 Page - LSI Computer Systems |
|
48 / 172 page ![]() 2-30 Functional Description Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. 2.11.4 End Of Packet The End of Packet Delimiter, referred to as EPD indicates the end of a packet. The EPD consists of two codes, /T/ and /R/, inserted at the end of the packet, as defined in IEEE 802.3z and shown in Table 2.8, and also shown in Figure 2.3. To maintain synchronization on the proper word boundaries, an outgoing packet must also have an even number of 10-bit words transmitted. If the packet has an odd number of 10-bit words transmitted after the /T/R/ codes, an extra /R/ code is inserted after the /T/R/ (now a /T/R/R/) to meet the even word requirement, as defined in IEEE 802.3z and shown in Figure 2.3. The transmit 8B10B PCS section appends either the /T/R/ or /T/R/R/ codes to the end of each transmit packet. The receive 8B10B PCS section constantly monitors the incoming 10B bitstream. If the /T/R/ codes are detected, the end of packet indication is given to the receive MAC, and the /T/R/ or /T/R/R/ codes are stripped from the end of the packet. If the 8B10B PCS receiver detects the transition from the nonidle pattern to an idle pattern (/I/ code stream) without intervening /T/R/ codes, the packet is assumed to have a bad EPD. Packets with a bad EPD are discarded if the controller is so programmed. Refer to Section 2.13, “Packet Discard” for more details on discards. Clearing the DIS_CWRD bit in “Register 8–Configuration 2‚" Section 4.3.9, programs the controller to not discard packets with PCS errors. 2.11.5 Idle The interpacket gap time is filled with a continuous stream of codes referred to as the idle pattern. The idle pattern consists of a continuous stream of /I2/ codes, as defined in IEEE 802.3z and shown in Figure 2.3. The running disparity during idle is defined to be negative. So, if the running disparity after the last /R/ code of a packet is positive, a single /I1/ code must be transmitted as the first idle code to make the running disparity negative. All subsequent idle codes must be /I2/, as defined in IEEE 802.3z and shown in Figure 2.3. The /I1/ and /I2/ codes are defined in Table 2.8. The transmit 8B10B PCS section inserts a continuous stream of /I1/I2/I2/I2/ …or /I2/I2/I2/I2/…codes between packets. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |