Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 37 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 37 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 33Page - LSI Computer Systems 8101 Datasheet HTML 34Page - LSI Computer Systems 8101 Datasheet HTML 35Page - LSI Computer Systems 8101 Datasheet HTML 36Page - LSI Computer Systems 8101 Datasheet HTML 37Page - LSI Computer Systems 8101 Datasheet HTML 38Page - LSI Computer Systems 8101 Datasheet HTML 39Page - LSI Computer Systems 8101 Datasheet HTML 40Page - LSI Computer Systems 8101 Datasheet HTML 41Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 172 page
background image
Receive MAC
2-19
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
4.
If the bit selected in (3) is a "one" the destination address passes the
filter; otherwise, the address fails the filter and the packet is rejected
and discarded.
Note:
If all 64 bits of the address filter are programmed to all
ones, the address filter passes all multicast addresses.
Setting the REJMCST bit in “Register 8–Configuration 2‚" Section 4.3.9,
programs the controller to reject all multicast packets regardless of their
address. When this bit is set all multicast packets are rejected regardless
of their address.
Multicast packet address filtering functions do not affect the reception of
MAC control frames. Other bits described in Section 2.17, “MAC Control
Frames,” control the reception of MAC control frames.
2.8.5 Broadcast Address Filter
The controller does not do any filtering on broadcast packets. To program
the controller to reject all broadcast packets, set the REJBCST bit in
“Register 8–Configuration 2‚" Section 4.3.9. When this bit is set all
broadcast packets are rejected regardless of their address.
Table 2.5
Multicast Address Filter Map
FCS Bits
[0:2]1
1. Bits 0
−5 are the six least-significant bits of the CRC.
Address
Filter Byte2
2. F[7:0] are bytes in Address Filter 1
−4 Registers.
FCS Bits
[3:5]1
Address
Filter Bit3
3. Fx[7:0] are bits within each byte in Address Filter 1
−4 Registers.
000
F0[7:0]
000
Fx[0]
001
F1[7:0]
001
Fx[1]
010
F2[7:0]
010
Fx[2]
011
F3[7:0]
011
Fx[3]
100
F4[7:0]
100
Fx[4]
101
F5[7:0]
101
Fx[5]
110
F6[7:0]
110
Fx[6]
111
F7[7:0]
111
Fx[7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com