| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 49 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 49 Page - LSI Computer Systems |
|
49 / 172 page ![]() 10-Bit PHY Interface 2-31 Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. The receive 8B10B PCS section constantly monitors the incoming 10B bitstream. If an /I2/ or /I1/ code is detected, an end of packet indication is given to the receive MAC and the /I1/ and /I2/ codes are stripped from the packet. 2.11.6 Receive Word Synchronization In order to correctly decode the incoming encoded data, the 8B10B PCS receiver must identify the word boundaries of the incoming data stream. The process of detecting these word boundaries is referred to as word synchronization. The receiver uses a state machine compatible with the algorithm defined in IEEE 802.3z to acquire and maintain word synchronization. The comma code is used to acquire and maintain receive word synchronization, as specified by IEEE 802.3z. The comma code consists of a unique 7-bit pattern that only appears in the defined ordered sets shown in Table 2.8, and the comma code does not appear in the normal data words or across data word boundaries. When the 8B10B PCS receiver has lost word synchronization, the EN_CDET pin is asserted to signal the external PHY device. Reading the RSYNC bit in “Register 11–Status 1‚" Section 4.3.12, also determines word synchronization. 2.11.7 AutoNegotiation The AutoNegiotation algorithm uses the /C/ ordered sets, as defined in Table 2.8, to configure the link for correct operation. Refer to Section 2.15, “AutoNegotiation” for more details on this process. 2.12 10-Bit PHY Interface The 10-bit PHY interface is a standardized interface between the 8B10B PCS section and an external physical layer device. The 10-bit PHY interface meets all the requirements outlined in IEEE 802.3z. The controller can directly connect, without any external logic, to any physical layer device that also complies with the IEEE 802.3z 10-bit interface specifications. The 10-bit PHY interface frame format is defined in IEEE 802.3z and shown in Figure 2.3. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |