| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 64 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 64 Page - LSI Computer Systems |
|
64 / 172 page ![]() 2-46 Functional Description Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. 2.17.4 Reserved Multicast Address Disable Receive pause frames are normally rejected as invalid if they do not have the reserved multicast address in the destination address field. Setting the MCFLTR bit in “Register 19–Flow Control 1‚" Section 4.3.16, programs the controller to accept receive pause frames regardless of the contents in the destination address field. When this bit is cleared, any value in the destination address field is accepted as a valid address. 2.17.5 MAC Control Frame AutoSend The level of data in the receive FIFO also triggers the transmission of autogenerated pause frames. This feature is referred to as MAC control frame AutoSend. Appropriately setting the MCASEND[3:0] bits in “Register 19–Flow Control 1‚" Section 4.3.16, enable the AutoSend feature. When MAC control frame AutoSend is enabled, autogenerated pause frames are transmitted when the receive FIFO data exceeds a programmable threshold level called the MAC control AutoSend threshold. The MAC control AutoSend threshold can be set with the four MACSEND bits in “Register 19–Flow Control 1‚" Section 4.3.16. The automatic pause frame generation mechanism is described in more detail in Section 2.17.1, “Automatic Pause Frame Generation”. 2.18 Reset The controller has four resets which are described in Table 2.13. The controller should be ready for normal operation 1 µs after the reset sequence has been completed for that bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |