Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 59 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 59 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 55Page - LSI Computer Systems 8101 Datasheet HTML 56Page - LSI Computer Systems 8101 Datasheet HTML 57Page - LSI Computer Systems 8101 Datasheet HTML 58Page - LSI Computer Systems 8101 Datasheet HTML 59Page - LSI Computer Systems 8101 Datasheet HTML 60Page - LSI Computer Systems 8101 Datasheet HTML 61Page - LSI Computer Systems 8101 Datasheet HTML 62Page - LSI Computer Systems 8101 Datasheet HTML 63Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 172 page
background image
AutoNegotiation
2-41
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Transmit‚" Section 4.3.20, in order to be transmitted. The next pages
received from the remote station are stored in “Register 24–
AutoNegotiation Next Page Receive‚" Section 4.3.21. Both stations must
have the next page functionality for a successful next page transfer. Next
page operation is complicated; refer to IEEE 802.3z for a full description
of how this feature works and to Chapter 4, Registers for a description
of the associated registers.
There are status bits related to next page operation. See Section 2.15.2,
“Negotiation Status” for details.
2.15.2 Negotiation Status
There are bits in “Register 11–Status 1‚" Section 4.3.12, that indicate the
status of AutoNegotiation. These bits are summarized in Table 2.12 and
are described in more detail in the Status 1 register description. Some
of the bits related to AutoNegotiation can be programmed to cause an
interrupt, as described in the Status 1 register description.
2.15.3 AutoNegotiation Restart
Setting the ANRST bit in “Register 7–Configuration 1‚" Section 4.3.8,
restarts the AutoNegotiation algorithm. The ANRST bit clears itself
automatically after the AutoNegotiation process starts transmitting /C/
ordered sets.
Table 2.12
AutoNegotiation Status Bits
Register 11
Bit No.
Bit Name
What Bit Indicates
11
LINK
Link is up, autoNegotiation has completed
7
AN_NP
One TX and one RX next page has been
exchanged
6
AN_TX_NP
One next page has been transmitted
5
AN_RX_NP
One next page has been received
4
AN_RX_BP
Base page has been received
3
AN_RMTRST
AutoNegotiation was restarted by remote
station



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com