| Electronic Components Datasheet Search |
|
8101 Datasheet(PDF) 38 Page - LSI Computer Systems |
|
|
|||||||||||||||||||||||||||||
8101 Datasheet(HTML) 38 Page - LSI Computer Systems |
|
38 / 172 page ![]() 2-20 Functional Description Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved. Broadcast address filtering functions do not affect the reception of MAC control frames. Other bits described in Section 2.17, “MAC Control Frames,” control the reception of MAC control frames. 2.8.6 Reject or Accept All Packets Setting the ACPTAL or REJALL bits in “Register 8–Configuration 2‚" Section 4.3.9, programs the controller to accept or reject all packets regardless of type or whether the packet passes the address filter. These bits do not affect the reception of MAC control frames. Other bits described in Section 2.17, “MAC Control Frames,” control the reception of MAC control frames. 2.8.7 Frame Validity Checks The receive MAC checks the following to determine the validity of each receive packet: • Valid FCS • Oversize packet • Undersize packet Computing the CRC value on the incoming receive packet according to IEEE 802.3 specifications and comparing it against the actual CRC value in the FCS field of the received packet determines the validity of the FCS. If the values are not the same, the frame is determined to be invalid and the packet is discarded. Refer to Section 2.13, “Packet Discard” for more information about discards. Clearing the DIS_CRC error bit in “Register 8–Configuration 2‚" Section 4.3.9, programs the controller not to discard a packet with a bad FCS. Oversize packets are packets whose length is greater than the maximum packet size. If a received packet is an oversize packet, then the packet is determined to be invalid and is discarded. Refer to Section 2.13, “Packet Discard” for more information about discards. Clearing the DIS_OSIZE bit in “Register 8–Configuration 2‚" Section 4.3.9, programs the controller not to discard an oversize packet and allow packets of unlimited length. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |