Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 35 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 35 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 31Page - LSI Computer Systems 8101 Datasheet HTML 32Page - LSI Computer Systems 8101 Datasheet HTML 33Page - LSI Computer Systems 8101 Datasheet HTML 34Page - LSI Computer Systems 8101 Datasheet HTML 35Page - LSI Computer Systems 8101 Datasheet HTML 36Page - LSI Computer Systems 8101 Datasheet HTML 37Page - LSI Computer Systems 8101 Datasheet HTML 38Page - LSI Computer Systems 8101 Datasheet HTML 39Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 172 page
background image
Receive MAC
2-17
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.7.5 MAC Control Frame Generation
The transmit MAC can automatically generate and transmit MAC control
pause frames, which are used for flow control. This function is described
in more detail in Section 2.17, “MAC Control Frames”.
2.8 Receive MAC
The receive MAC section performs the following operations to
disassemble Ethernet packets received from the receive 8B10B PCS
section:
• Strips off the preamble and SFD
• Strips off the CRC
• Checks the destination address against the address filters to
determine packet validity
• Checks frame validity against the discard conditions
• Checks the length/type field for MAC control frames
Each of the above operations can be individually disabled and altered, if
desired. The receive MAC then sends valid packets to the receive FIFO
for storage.
2.8.1 Preamble and SFD Stripping
The transmit MAC normally strips the preamble and SFD from the
receive packet. To program the controller to not strip the preamble and
SFD set the RXPRMBL bit in “Register 7–Configuration 1‚" Section 4.3.8.
When this bit is set, the preamble and SFD are left in the receive packet
and are stored in the receive FIFO as a part of the packet.
2.8.2 CRC Stripping
The receive MAC normally strips the FCS from the receive packet. To
program the controller to not strip the FCS field, set the RXCRC bit in
“Register 7–Configuration 1‚" Section 4.3.8. When this bit is set the last
four bytes of the packet containing the CRC value are left in the receive
packet and are stored in the receive FIFO as part of the packet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com