Electronic Components Datasheet Search
  English  ▼

X  

8101 Datasheet(PDF) 47 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 47 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 43Page - LSI Computer Systems 8101 Datasheet HTML 44Page - LSI Computer Systems 8101 Datasheet HTML 45Page - LSI Computer Systems 8101 Datasheet HTML 46Page - LSI Computer Systems 8101 Datasheet HTML 47Page - LSI Computer Systems 8101 Datasheet HTML 48Page - LSI Computer Systems 8101 Datasheet HTML 49Page - LSI Computer Systems 8101 Datasheet HTML 50Page - LSI Computer Systems 8101 Datasheet HTML 51Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 172 page
background image
8B10B PCS
2-29
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
2.11.3 Start of Packet
A unique start of packet delimiter (SPD) indicates the start of a packet.
The SPD consists of a single /S/ code inserted at the beginning of the
packet in place of the first preamble octet, as defined in the IEEE 802.3z
and shown in Figure 2.3. The /S/ code is defined in Table 2.8.
The transmit 8B10B PCS section inserts an /S/ code at the beginning of
each transmit packet in place of the first 10B word of the preamble.
The receive 8B10B PCS section constantly monitors the incoming 10B
bitstream. If an /S/ code is detected, the start of packet indication is given
to the receive MAC, and a preamble octet is substituted in place of the
/S/ code at the beginning of the packet. If the 8B10B PCS receiver
detects the transition from the idle pattern (/I/ code stream) to nonidle
pattern without an intervening /S/ code, the packet is assumed to have
a bad SPD. Packets with a bad SPD are normally discarded as codeword
errors.
Refer to Section 2.13, “Packet Discard” for more information about
discards. Clearing the DIS_CWRD bit in “Register 8–Configuration 2‚"
Section 4.3.9, programs the controller to not discard packets with PCS
codeword errors.
/S/
Start of packet
delimiter (SPD)
/K27.7/
+ or
−
same
/T/
/R/
End of packet
delimiter (EPD)
/K29.7/
/K23.7/
+or
−
+or
−
same
same
/V/
Error (void)
/K30.7/
+ or
−
same
1. config_word 1/2 contain the 16-Bit AutoNegotiation data word. See the
AutoNegotiation section for details.
2. RD determined on the /K/ and /D/ characters only, not the config_word.
Table 2.8
10B Defined Ordered Sets (Cont.)
10B Code
Symbol
Description
10B Codes
Begin
RD
End
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com