Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 385 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 385 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 381Page - Texas Instruments TMS320F Datasheet HTML 382Page - Texas Instruments TMS320F Datasheet HTML 383Page - Texas Instruments TMS320F Datasheet HTML 384Page - Texas Instruments TMS320F Datasheet HTML 385Page - Texas Instruments TMS320F Datasheet HTML 386Page - Texas Instruments TMS320F Datasheet HTML 387Page - Texas Instruments TMS320F Datasheet HTML 388Page - Texas Instruments TMS320F Datasheet HTML 389Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 385 / 389 page
background image
Index
Index-8
memory
(continued)
program
3-4 to 3-5
program memory
address generation logic
5-2
address sources
5-3
segments
3-2
total address range
3-1
memory instructions
block move from data memory to data memory
(BLDD)
7-48
block move from program memory to data
memory (BLPD)
7-53
move data after add PREG to accumulator, load
TREG, and multiply (MACD)
7-105
move data to next higher address in data
memory (DMOV)
7-65
move data, load TREG, and add PREG to
accumulator (LTD)
7-94
store long immediate value to data memory
(SPLK)
7-164
table read (TBLR)
7-185
table write (TBLW)
7-188
transfer data from data memory to I/O space
(OUT)
7-131
transfer data from I/O space to data memory
(IN)
7-68
transfer word from data memory to program
memory (TBLW)
7-188
transfer word from program memory to data
memory (TBLR)
7-185
memory maps for ’C24x controllers
3-3
microstack (MSTACK)
5-3, 5-6
MP/MC pin
3-5
MPY instruction
7-112
MPYA instruction
7-115
MPYS instruction
7-117
MPYU instruction
7-119
MSTACK (microstack)
5-3, 5-6
multiplication section of CPU
4-5
multiplier
2-9
description
4-5
multiply instructions
multiply (include load to TREG) and accumulate
previous product (MAC)
7-101
multiply (include load to TREG), accumulate
previous product, and move data
(MACD)
7-105
multiply (MPY)
7-112
multiply instructions
(continued)
multiply and accumulate previous product
(MPYA)
7-115
multiply and subtract previous product
(MPYS)
7-117
multiply unsigned (MPYU)
7-119
square specified value after accumulating
previous product (SQRA)
7-167
square specified value after subtracting previous
product from accumulator (SQRS)
7-169
N
NEG instruction
7-121
next auxiliary register
6-11
next program address register (NPAR)
definition
D-10
shown in figure
5-2
NMI instruction
7-123
vector location
5-16
NMI interrupt, vector location
5-16
NOP instruction
7-124
NORM instruction
7-125
NPAR (next program address register)
definition
D-10
shown in figure
5-2
O
off-chip memory, configuration, data
3-8
on-chip memory
advantages
3-2
configuration
3-8
on-chip RAM, dual-access
2-5
on-chip ROM
B-1
opcode format
direct addressing
6-5
immediate addressing
6-2
indirect addressing
6-12
OR instruction
7-128
OUT instruction
7-131
output modes
external count
C-20
signal event
C-20
output shifter
2-8, 4-11
OV (overflow flag bit)
4-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com