| Electronic Components Datasheet Search |
|
4559 Datasheet(PDF) 113 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Datasheet(HTML) 113 Page - Renesas Technology Corp |
|
113 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 113 of 146 REJ03B0188-0104 4559 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) TFR3A (Transfer data to register FR3 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 010 10 11 2 22 B 16 11 - - Opera- tion: (FR3) ← (A) Grouping: Input/Output operation Description: Transfers the contents of register A to port output structure control register FR3. TI1A (Transfer data to register I1 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 001 01 11 2 21 7 16 11 - - Opera- tion: (I1) ← (A) Grouping: Interrupt operation Description: Transfers the contents of register A to interrupt control reg- ister I1. TK0A (Transfer data to register K0 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 001 10 11 2 21 B 16 11 - - Opera- tion: (K0) ← (A) Grouping: Input/Output operation Description: Transfers the contents of register A to key-on wakeup con- trol register K0. TK1A (Transfer data to register K1 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 001 01 00 2 21 4 16 11 - - Opera- tion: (K1) ← (A) Grouping: Input/Output operation Description: Transfers the contents of register A to key-on wakeup con- trol register K1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |