| Electronic Components Datasheet Search |
|
4559 Datasheet(PDF) 117 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4559 Datasheet(HTML) 117 Page - Renesas Technology Corp |
|
117 / 148 page ![]() Rev.1.04 Aug 23, 2007 Page 117 of 146 REJ03B0188-0104 4559 Group MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) TPU2A (Transfer data to register PU2 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 010 11 11 2 22 F 16 11 - - Opera- tion: (PU2) ← (A) Grouping: Input/Output operation Description: Transfers the contents of register A to pull-up control regis- ter PU2. TPU3A (Transfer data to register PU3 from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 000 10 00 2 20 8 16 11 - - Opera- tion: (PU3) ← (A) Grouping: Input/Output operation Description: Transfers the contents of register A to pull-up control regis- ter PU3. TR1AB (Transfer data to register R1 from Accumulator and register B) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 011 11 11 2 23 F 16 11 - - Opera- tion: (R17 −R14) ← (B) (R13 −R10) ← (A) Grouping: Timer control operation Description: Transfers the contents of register B to the high-order 4 bits (R17 −R14) of timer 1 reload register R1, and the contents of register A to the low-order 4 bits (R13 −R10) of timer 1 reload register R1. TRGA (Transfer data to register RG from Accumulator) Instruc- tion code D9 D0 Number of words Number of cycles Flag CY Skip condition 1 0 0 000 10 01 2 20 9 16 11 - - Opera- tion: (RG2 −RG0) ← (A2−A0) Grouping: Clock control operation Description: Transfers the contents of register A to register RG. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |