Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 116Page - Renesas Technology Corp 4559 Datasheet HTML 117Page - Renesas Technology Corp 4559 Datasheet HTML 118Page - Renesas Technology Corp 4559 Datasheet HTML 119Page - Renesas Technology Corp 4559 Datasheet HTML 120Page - Renesas Technology Corp 4559 Datasheet HTML 121Page - Renesas Technology Corp 4559 Datasheet HTML 122Page - Renesas Technology Corp 4559 Datasheet HTML 123Page - Renesas Technology Corp 4559 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 120 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
XAM j
(eXchange Accumulator and Memory data)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
11
0
1
j
j
j
j
2
2D
j
16
11
-
-
Opera-
tion:
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP) with the contents
of register A, an exclusive OR operation is performed
between register X and the value j in the immediate field,
and stores the result in register X.
XAMD j
(eXchange Accumulator and Memory data and Decrement register Y and skip)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
11
1
1
j
j
j
j
2
2F
j
16
1
1
-
(Y) = 15
Opera-
tion:
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) −1
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP) with the contents
of register A, an exclusive OR operation is performed
between register X and the value j in the immediate field,
and stores the result in register X.
Subtracts 1 from the contents of register Y.
As a result of subtraction, when the contents of register Y
is 15, the next instruction is skipped. When the contents of
register Y is not 15, the next instruction is executed.
XAMI j
(eXchange Accumulator and Memory data and Increment register Y and skip)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
10
11
1
0
j
j
j
j
2
2E
j
16
11
-
(Y) = 0
Opera-
tion:
(A)
← → (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP) with the contents
of register A, an exclusive OR operation is performed
between register X and the value j in the immediate field,
and stores the result in register X.
Adds 1 to the contents of register Y. As a result of addition,
when the contents of register Y is 0, the next instruction is
skipped. When the contents of register Y is not 0, the next
instruction is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com