Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 115Page - Renesas Technology Corp 4559 Datasheet HTML 116Page - Renesas Technology Corp 4559 Datasheet HTML 117Page - Renesas Technology Corp 4559 Datasheet HTML 118Page - Renesas Technology Corp 4559 Datasheet HTML 119Page - Renesas Technology Corp 4559 Datasheet HTML 120Page - Renesas Technology Corp 4559 Datasheet HTML 121Page - Renesas Technology Corp 4559 Datasheet HTML 122Page - Renesas Technology Corp 4559 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 119 of 146
REJ03B0188-0104
4559 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TW3A
(Transfer data to register W3 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
001
00
00 2 21 0 16
11
-
-
Opera-
tion:
(W3)
← (A)
Grouping:
Timer operation
Description: Transfers the contents of register A to timer control register
W3.
TW4A
(Transfer data to register W4 from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
0
001
00
01 2 21 1 16
11
-
-
Opera-
tion:
(W4)
← (A)
Grouping:
Timer operation
Description: Transfers the contents of register A to timer control register
W4.
TYA
(Transfer data to register Y from Accumulator)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
0
0
0
000
11
00 2 00 C 16
11
-
-
Opera-
tion:
(Y)
← (A)
Grouping:
Register to register transfer
Description: Transfers the contents of register A to register Y.
WRST
(Watchdog timer ReSeT)
Instruc-
tion
code
D9
D0
Number of
words
Number of
cycles
Flag CY
Skip condition
1
0
1
010
00
00 2 2A0 16
11
-
(WDF1) = 1
Opera-
tion:
(WDF1) = 1 ?
(WDF1)
← 0
Grouping:
Other operation
Description: Clears (0) to the WDF1 flag and skips the next instruction
when watchdog timer flag WDF1 is “1”. When the WDF1
flag is “0”, executes the next instruction. Also, stops the
watchdog timer function when executing the WRST
instruction immediately after the DWDT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com