Electronic Components Datasheet Search
  English  ▼

X  

4559 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # 4559
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4559 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button 4559 Datasheet HTML 129Page - Renesas Technology Corp 4559 Datasheet HTML 130Page - Renesas Technology Corp 4559 Datasheet HTML 131Page - Renesas Technology Corp 4559 Datasheet HTML 132Page - Renesas Technology Corp 4559 Datasheet HTML 133Page - Renesas Technology Corp 4559 Datasheet HTML 134Page - Renesas Technology Corp 4559 Datasheet HTML 135Page - Renesas Technology Corp 4559 Datasheet HTML 136Page - Renesas Technology Corp 4559 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 148 page
background image
Rev.1.04
Aug 23, 2007
Page 133 of 146
REJ03B0188-0104
4559 Group
Skip condition
Detailed description
−−
Transfers the input of port P0 to register A.
−−
Outputs the contents of register A to port P0.
−−
Transfers the input of port P1 to register A.
−−
Outputs the contents of register A to port P1.
−−
Transfers the input of port P2 to the register A.
−−
Outputs the contents of the register A to port P2.
−−
Transfers the input of port P3 to the register A.
−−
Outputs the contents of the register A to port P3.
−−
Sets (1) to port D.
−−
Clears (0) to a bit of port D specified by register Y.
−−
Sets (1) to a bit of port D specified by register Y.
(D(Y)) = 0
Y = 0 to 4
−
Skips the next instruction when a bit of port D specified by register Y is “0”. Executes the next instruction
when a bit of port D specified by register Y is “1”.
−−
Clears (0) to port C.
−−
Sets (1) to port C.
−−
Transfers the contents of register A to port output structure control register FR0.
−−
Transfers the contents of register A to port output structure control register FR1.
−−
Transfers the contents of register A to port output structure control register FR2.
−−
Transfers the contents of register A to port output structure control register FR3.
−−
Transfers the contents of pull-up control register PU0 to register A.
−−
Transfers the contents of register A to pull-up control register PU0.
−−
Transfers the contents of pull-up control register PU1 to register A.
−−
Transfers the contents of register A to pull-up control register PU1.
−−
Transfers the contents of pull-up control register PU2 to register A.
−−
Transfers the contents of register A to pull-up control register PU2.
−−
Transfers the contents of pull-up control register PU3 to register A.
−−
Transfers the contents of register A to pull-up control register PU3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com