Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 103 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 103 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 99Page - NXP Semiconductors RC522 Datasheet HTML 100Page - NXP Semiconductors RC522 Datasheet HTML 101Page - NXP Semiconductors RC522 Datasheet HTML 102Page - NXP Semiconductors RC522 Datasheet HTML 103Page - NXP Semiconductors RC522 Datasheet HTML 104Page - NXP Semiconductors RC522 Datasheet HTML 105Page - NXP Semiconductors RC522 Datasheet HTML 106Page - NXP Semiconductors RC522 Datasheet HTML 107Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
103 of 109
continued >>
NXP Semiconductors
MFRC522
Contactless Reader IC
33. Tables
Table 1. Quick reference data . . . . . . . . . . . . . . . . . 3
Table 2: Ordering information . . . . . . . . . . . . . . . . . 4
Table 3: Pin description . . . . . . . . . . . . . . . . . . . . . . 7
Table 4: Communication overview for ISO/IEC
14443A/MIFARE® reader/writer . . . . . . . . 9
Table 5: MFRC522 Registers Overview . . . . . . . . 11
Table 6: Behavior of Register Bits and its Designation
13
Table 7: Reserved register (address 00h); reset
value: 00h. . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 8: Description of Reserved register bits . . . . 13
Table 9:
CommandReg register (address 01h); reset
value: 20h. . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 10: Description of CommandReg bits. . . . . . . 14
Table 11: CommIEnReg register (address 02h); reset
value: 80h. . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 12: Description of CommIEnReg bits . . . . . . . 14
Table 13: DivIEnReg register (address 03h); reset
value: 00h. . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 14: Description of DivIEnReg bits. . . . . . . . . . 16
Table 15: CommIRqReg register (address 04h); reset
value: 14h. . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 16: Description of CommIRqReg bits . . . . . . 16
Table 17: DivIRqReg register (address 05h); reset
value: X0h . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 18: Description of DivIRqReg bits . . . . . . . . . 17
Table 19: ErrorReg register (address 06h); reset
value: 00h. . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 20: Description of ErrorReg bits . . . . . . . . . . . 18
Table 21: Status1Reg register (address 07h); reset
value: 21h. . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 22: Description of Status1Reg bits . . . . . . . . . 19
Table 23: Status2Reg register (address 08h); reset
value: 00h. . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 24: Description of Status2Reg bits . . . . . . . . . 20
Table 25: FIFODataReg register (address 09h); reset
value: XXh . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 26: Description ofFIFODataReg bits. . . . . . . . 21
Table 27: FIFOLevelReg register (address 0Ah); reset
value: 00h. . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 28: Description of FIFOLevelReg bits . . . . . . 21
Table 29: WaterLevelReg register (address 0Bh);
reset value: 08h . . . . . . . . . . . . . . . . . . . . 21
Table 30: Description of WaterLevelReg bits . . . . . . 22
Table 31: ControlReg register (address 0Ch); reset
value: 10h. . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 32: Description of ControlReg bits . . . . . . . . . 22
Table 33: BitFramingReg register (address 0Dh); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 34: Description of BitFramingReg bits . . . . . . 23
Table 35: CollReg register (address 0Eh); reset value:
XXh . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Table 36: Description of CollReg bits. . . . . . . . . . . . 23
Table 37: Reserved register (address 0Fh); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 38: Description of Reserved register bits . . . . 24
Table 39: Reserved register (address 10h); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 24
Table 40: Description of Reserved register bits . . . . 24
Table 41: ModeReg register (address 11h); reset
value: 3Fh . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 42: Description of ModeReg bits . . . . . . . . . . 25
Table 43: TxModeReg register (address 12h); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 44: Description of TxModeReg bits . . . . . . . . 26
Table 45: RxModeReg register (address 13h); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 46: Description of RxModeReg bits . . . . . . . . 26
Table 47: TxControlReg register (address 14h); reset
value: 80h . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 48: Description of TxControlReg bits . . . . . . . 27
Table 49: TxAutoReg register (address 15h); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 50: Description of TxAutoReg bits . . . . . . . . . 28
Table 51: TxSelReg register (address 16h); reset
value: 10h . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 52: Description of TxSelReg bits . . . . . . . . . . 28
Table 53: RxSelReg register (address 17h); reset
value: 84h . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 54: Description of RxSelReg bits . . . . . . . . . . 29
Table 55: RxThresholdReg register (address 18h);
reset value: 84h . . . . . . . . . . . . . . . . . . . . 30
Table 56: Description of RxThresholdReg bits. . . . . 30
Table 57: DemodReg register (address 19h); reset
value: 4Dh . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 58: Description of DemodReg bits . . . . . . . . . 30
Table 59: Reserved register (address 1Ah); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 60: Description of Reserved register bits . . . . 31
Table 61: Reserved register (address 1Bh); reset
value: 00h . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 62: Description of Reserved register bits . . . . 31
Table 63: MfTxReg register (address 1Ch); reset value:
62h . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com