Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 106 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 101Page - NXP Semiconductors RC522 Datasheet HTML 102Page - NXP Semiconductors RC522 Datasheet HTML 103Page - NXP Semiconductors RC522 Datasheet HTML 104Page - NXP Semiconductors RC522 Datasheet HTML 105Page - NXP Semiconductors RC522 Datasheet HTML 106Page - NXP Semiconductors RC522 Datasheet HTML 107Page - NXP Semiconductors RC522 Datasheet HTML 108Page - NXP Semiconductors RC522 Datasheet HTML 109Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 106 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
106 of 109
continued >>
NXP Semiconductors
MFRC522
Contactless Reader IC
34. Figures
Fig 1. Simplified MFRC522 Block diagram . . . . . . . 5
Fig 2. MFRC522 Block diagram . . . . . . . . . . . . . . . 6
Fig 3. Pinning configuration HVQFN32 (SOT617-1).
7
Fig 4. MFRC522 Reader/Writer mode. . . . . . . . . . . 9
Fig 5.
ISO/IEC 14443A/MIFARE® Reader/Writer
mode communication diagram. . . . . . . . . . . . 9
Fig 6.
Data Coding and framing according to
ISO/IEC 14443A.. . . . . . . . . . . . . . . . . . . . . 10
Fig 7. Connection to host with SPI . . . . . . . . . . . . 47
Fig 8. Connection to m-Controllers with UART.. . . 48
Fig 9. Schematic Diagram to Read Data. . . . . . . . 50
Fig 10. Schematic Diagram to Write Data. . . . . . . . 51
Fig 11. I2C interface. . . . . . . . . . . . . . . . . . . . . . . . . 52
Fig 12. Bit transfer on the I2C-bus. . . . . . . . . . . . . . 53
Fig 13. START and STOP conditions. . . . . . . . . . . . 53
Fig 14. Acknowledge on the I2C- bus. . . . . . . . . . . 54
Fig 15. Data transfer on the I2C- bus. . . . . . . . . . . . 55
Fig 16. First byte following the START procedure. . 56
Fig 17. Register Read and Write Access . . . . . . . . 57
Fig 18. I2C HS mode protocol switch . . . . . . . . . . . 58
Fig 19. I2C HS mode protocol frame. . . . . . . . . . . . 59
Fig 20. Serial data switch for TX1 and TX2. . . . . . . 63
Fig 21. Overview MFIN/MFOUT Signal Routing . . . 64
Fig 22. Ouartz Connection . . . . . . . . . . . . . . . . . . . 69
Fig 23. Oscillator Startup time. . . . . . . . . . . . . . . . . 71
Fig 24. Output TestDAC 1 on AUX1 and TestDAC 2 on
AUX2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Fig 25. Output Testsignal Corr1 on AUX1 and
MinLevel on AUX2. . . . . . . . . . . . . . . . . . . . 80
Fig 26. Output ADC channel I on AUX 1 and ADC
channel Q on AUX 2. . . . . . . . . . . . . . . . . . 80
Fig 27. Output RxActive on AUX 1 and TxActive on
AUX 2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
Fig 28. Output Rx data stream on AUX 1 and AUX 2.
82
Fig 29. RX Input Voltage Range . . . . . . . . . . . . . . . 88
Fig 30. Timing Diagram for SPI. . . . . . . . . . . . . . . . 90
Fig 31. Timing for F/S mode devices on the I2C-bus. .
91
Fig 32. Typical Application Circuit Diagram. . . . . . . 92
Fig 33. Package outline package version (HVQFN32)
93
Fig 34. Packing Information 1 Tray . . . . . . . . . . . . . 95
Fig 35. Packing Information 5Tray . . . . . . . . . . . . . 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com