Electronic Components Datasheet Search
  English  ▼

X  

RC522 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # RC522
Description  Contactless Reader IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RC522 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button RC522 Datasheet HTML 101Page - NXP Semiconductors RC522 Datasheet HTML 102Page - NXP Semiconductors RC522 Datasheet HTML 103Page - NXP Semiconductors RC522 Datasheet HTML 104Page - NXP Semiconductors RC522 Datasheet HTML 105Page - NXP Semiconductors RC522 Datasheet HTML 106Page - NXP Semiconductors RC522 Datasheet HTML 107Page - NXP Semiconductors RC522 Datasheet HTML 108Page - NXP Semiconductors RC522 Datasheet HTML 109Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 105 / 109 page
background image
112132
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.2 — 22 May 2007
105 of 109
continued >>
NXP Semiconductors
MFRC522
Contactless Reader IC
Table 131: Reserved register (address 3Eh); reset
value: 03h. . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 132:Description of Reserved register bits . . . 45
Table 133:Reserved register (address 3Fh); reset
value: 00h. . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 134:Description of Reserved register bits . . . 45
Table 135:Connection Scheme for detecting the
different Interface Types . . . . . . . . . . . . . . 46
Table 136:Byte Order for MOSI and MISO . . . . . . . 47
Table 137:Byte Order for MOSI and MISO . . . . . . . 48
Table 138.Address byte 0 register; address MOSI . 48
Table 139:Settings of BR_T0 and BR_T1 . . . . . . . . 49
Table 140:Selectable transfer speeds . . . . . . . . . . . 49
Table 141:UART Framing . . . . . . . . . . . . . . . . . . . . 50
Table 142:Byte Order to Read Data . . . . . . . . . . . . 50
Table 143:Byte Order to Write Data. . . . . . . . . . . . . 51
Table 144.Address byte 0 register; address MOSI . 51
Table 145:Settings for TX1 . . . . . . . . . . . . . . . . . . . 61
Table 146:Settings for TX2 . . . . . . . . . . . . . . . . . . . 62
Table 147:CRC co-processor parameters . . . . . . . . 64
Table 148:Interrupt Sources . . . . . . . . . . . . . . . . . . 68
Table 149:Command overview . . . . . . . . . . . . . . . . 72
Table 150:TestSel2Reg register (address 07h) . . . . 76
Table 151:Description of Testsignals . . . . . . . . . . . . 77
Table 152:TestSel2Reg register (address 0Dh). . . . 77
Table 153:Description of Testsignals . . . . . . . . . . . . 77
Table 154:Testsignals description . . . . . . . . . . . . . . 77
Table 155.Limiting values . . . . . . . . . . . . . . . . . . . . 83
Table 156:Operating conditions . . . . . . . . . . . . . . . 83
Table 157:Thermal characteristics . . . . . . . . . . . . . 83
Table 158:Input Pin characteristics for pins EA, I2C
and NRESET . . . . . . . . . . . . . . . . . . . . . . 84
Table 159:Input Pin characteristics for MFIN. . . . . . 84
Table 160:Input/Output Pin characteristics for pins D1,
D2, D3, D4, D5, D6 and D7 . . . . . . . . . . . 84
Table 161:Input Pin characteristics for pin SDA . . . 84
Table 162:Output Pin characteristics for Pin MFOUT .
85
Table 163: Output Pin characteristics for Pin IRQ . . 85
Table 164: Input Pin characteristics for Pin Rx . . . . 85
Table 165:Input Pin characteristics for OSCIN . . . . 85
Table 166: Output Pin characteristics for Pins AUX1
and AUX2 . . . . . . . . . . . . . . . . . . . . . . . . . 86
Table 167: Output Pin characteristics for Pins TX1 and
TX2. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Table 168: Current Consumption. . . . . . . . . . . . . . . 87
Table 169: RX Input Voltage Range . . . . . . . . . . . . 88
Table 170: RX Input Sensitivity . . . . . . . . . . . . . . . . 88
Table 171: Clock Frequency . . . . . . . . . . . . . . . . . . 88
Table 172: XTAL Oscillator . . . . . . . . . . . . . . . . . . . 89
Table 173: XTAL Oscillator . . . . . . . . . . . . . . . . . . . 89
Table 174: Timing Specification for SPI. . . . . . . . . . 90
Table 175.Overview I2C Timing in Fast mode. . . . . 91
Table 176:Abbreviations . . . . . . . . . . . . . . . . . . . . . 97
Table 177:Revision history . . . . . . . . . . . . . . . . . . . 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com