Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 128Page - Renesas Technology Corp SH7727 Datasheet HTML 129Page - Renesas Technology Corp SH7727 Datasheet HTML 130Page - Renesas Technology Corp SH7727 Datasheet HTML 131Page - Renesas Technology Corp SH7727 Datasheet HTML 132Page - Renesas Technology Corp SH7727 Datasheet HTML 133Page - Renesas Technology Corp SH7727 Datasheet HTML 134Page - Renesas Technology Corp SH7727 Datasheet HTML 135Page - Renesas Technology Corp SH7727 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 60 of 1034
REJ09B0254-0500
Table 2.16 Single Data Transfer Instruction Formats
Type
Mnemonic
15 14 13 12 11 10 987
6543
210
Single
MOVS.W @-As,Ds
1
1110
1
As
Ds 0:(*)
0
000
data
MOVS.W @As,Ds
0:R4
1:(*)0
1
transfer
MOVS.W @As+,Ds
1:R5
2:(*)1
0
MOVS.W @As+Is,Ds
2:R2
3:(*)1
1
MOVS.W Ds,@-As
3:R3
4:(*)
0
001
MOVS.W Ds,@As
5:A1
0
1
MOVS.W Ds,@As+
6:(*)1
0
MOVS.W Ds,@As+Is
7:A0
1
1
MOVS.L @-As,Ds
8:X0
0
0
1
0
MOVS.L @As,Ds
9:X1
0
1
MOVS.L @As+,Ds
A:Y0
1
0
MOVS.L @As+Is,Ds
B:Y1
1
1
MOVS.L Ds,@-As
C:M0
0
0
1
1
MOVS.L Ds,@As
D:A1G
0
1
MOVS.L Ds,@As+
E:M1
1
0
MOVS.L Ds,@As+Is
F:A0G
1
1
Note: * Codes reserved for system use.
Parallel Processing Instructions: Parallel processing instructions are provided for efficient
execution of digital signal processing using the DSP unit. They are 32 bits long and allow four
simultaneous processes, an ALU operation, multiplication, and two data transfers.
Parallel processing instructions are divided into an A field and a B field. The A field defines data
transfer instructions and the B field an ALU operation instruction and multiply instruction. These
instructions can be defined independently, and the processing is executed in parallel,
independently and simultaneously. A-field parallel data transfer instructions are shown in table
2.17, and B-field ALU operation instructions and multiply instructions in table 2.18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com