Electronic Components Datasheet Search
  English  ▼

X  

SH7727 Datasheet(PDF) 145 Page - Renesas Technology Corp

Part # SH7727
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7700 Series
PDF  1109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7727 Datasheet(HTML) 145 Page - Renesas Technology Corp

Back Button SH7727 Datasheet HTML 141Page - Renesas Technology Corp SH7727 Datasheet HTML 142Page - Renesas Technology Corp SH7727 Datasheet HTML 143Page - Renesas Technology Corp SH7727 Datasheet HTML 144Page - Renesas Technology Corp SH7727 Datasheet HTML 145Page - Renesas Technology Corp SH7727 Datasheet HTML 146Page - Renesas Technology Corp SH7727 Datasheet HTML 147Page - Renesas Technology Corp SH7727 Datasheet HTML 148Page - Renesas Technology Corp SH7727 Datasheet HTML 149Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 1109 page
background image
Section 2 CPU
Rev. 5.00 Dec 12, 2005 page 73 of 1034
REJ09B0254-0500
Notes: 1. The normal minimum number of execution cycles is two, but five cycles are required
when the operation result is read from the MAC register immediately after the
instruction.
2. The normal minimum number of execution cycles is one, but three cycles are required
when the operation result is read from the MAC register immediately after the MUL
instruction.
Logic Operation Instructions
Table 2.22 Logic Operation Instructions
Instruction
Operation
Code
Privileged
Mode
Cycles T Bit
AND
Rm,Rn
Rn & Rm
→ Rn
0010nnnnmmmm1001
—1
—
AND
#imm,R0
R0 & imm
→ R0
11001001iiiiiiii
—1
—
AND.B #imm,@(R0,GBR)
(R0 + GBR) & imm
→
(R0 + GBR)
11001101iiiiiiii
—3
—
NOT
Rm,Rn
~Rm
→ Rn
0110nnnnmmmm0111
—1
—
OR
Rm,Rn
Rn | Rm
→ Rn
0010nnnnmmmm1011
—1
—
OR
#imm,R0
R0 | imm
→ R0
11001011iiiiiiii
—1
—
OR.B
#imm,@(R0,GBR)
(R0 + GBR) | imm
→
(R0 + GBR)
11001111iiiiiiii
—3
—
TAS.B @Rn
*
If (Rn) is 0, 1
→ T;
1
→ MSB of (Rn)
0100nnnn00011011
—4
Test
result
TST
Rm,Rn
Rn & Rm; if the result
is 0, 1
→ T
0010nnnnmmmm1000
—1
Test
result
TST
#imm,R0
R0 & imm; if the result
is 0, 1
→ T
11001000iiiiiiii
—1
Test
result
TST.B #imm,@(R0,GBR)
(R0 + GBR) & imm;
if the result is 0, 1
→ T
11001100iiiiiiii
—3
Test
result
XOR
Rm,Rn
Rn ^ Rm
→ Rn
0010nnnnmmmm1010
—1
—
XOR
#imm,R0
R0 ^ imm
→ R0
11001010iiiiiiii
—1
—
XOR.B #imm,@(R0,GBR)
(R0 + GBR) ^ imm
→
(R0 + GBR)
11001110iiiiiiii
—3
—
Note:
* An on-chip DMAC bus cycle is not inserted between a TAS instruction operand read
cycle and write cycle. Also, bus release is not performed by
BREQ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com