Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 98Page - Renesas Technology Corp HD6433713 Datasheet HTML 99Page - Renesas Technology Corp HD6433713 Datasheet HTML 100Page - Renesas Technology Corp HD6433713 Datasheet HTML 101Page - Renesas Technology Corp HD6433713 Datasheet HTML 102Page - Renesas Technology Corp HD6433713 Datasheet HTML 103Page - Renesas Technology Corp HD6433713 Datasheet HTML 104Page - Renesas Technology Corp HD6433713 Datasheet HTML 105Page - Renesas Technology Corp HD6433713 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 324 page
background image
4.3 Programming
The write, verify, and other modes are selected as shown in table 4-3 in PROM mode.
Table 4-3 Mode Selection in PROM Mode
Pin
Mode
CE
OE
VPP
VCC
EO7 to EO0
EA14 to EA0
Write
L
H
VPP
VCC
Data input
Address input
Verify
H
L
VPP
VCC
Data output
Address input
Programming disabled
H
H
VPP
VCC
High impedance
Address input
Notation:
L:
Low level
H:
High level
VPP:VPP level
VCC:VCC level
The specifications for writing and reading the on-chip PROM are identical to those for the
standard HN27C256H EPROM.
4.3.1 Writing and Verifying
An efficient, high-speed programming method is provided for writing and verifying the PROM
data. This method achieves high speed without voltage stress on the device and without lowering
the reliability of written data. H'FF data is written in unused address areas.
The basic flow of this high-speed programming method is shown in figure 4-4. Table 4-4 and
table 4-5 give the electrical characteristics in programming mode. Figure 4-5 shows a timing
diagram.
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com