Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 102Page - Renesas Technology Corp HD6433713 Datasheet HTML 103Page - Renesas Technology Corp HD6433713 Datasheet HTML 104Page - Renesas Technology Corp HD6433713 Datasheet HTML 105Page - Renesas Technology Corp HD6433713 Datasheet HTML 106Page - Renesas Technology Corp HD6433713 Datasheet HTML 107Page - Renesas Technology Corp HD6433713 Datasheet HTML 108Page - Renesas Technology Corp HD6433713 Datasheet HTML 109Page - Renesas Technology Corp HD6433713 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 324 page
background image
3.
Avoid touching the socket adapter or chip during programming, since this may cause contact
faults and write errors.
4.
Some commercially available EPROM programmers execute a device test before writing,
reading, or verifying. The device test is a leakage test of the EPROM pins or ZTAT
microcontroller pins. (A ZTAT microcontroller is a microcontroller with on-chip EPROM.)
The function of this test is to check whether the device is correctly inserted in the socket, by
confirming that leakage current flow is above a certain minimum level.
In devices like the H8/3714 in which the on-chip EPROM is assigned to high-voltage pins
(PMOS open-drain pins), no leakage current flows in the sink direction. That may cause the
device test to fail and prevent writing, reading, or verifying. If this occurs, switch the device
test off.
Note that in some EPROM programmers, the device test cannot be switched off.
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com