Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 104Page - Renesas Technology Corp HD6433713 Datasheet HTML 105Page - Renesas Technology Corp HD6433713 Datasheet HTML 106Page - Renesas Technology Corp HD6433713 Datasheet HTML 107Page - Renesas Technology Corp HD6433713 Datasheet HTML 108Page - Renesas Technology Corp HD6433713 Datasheet HTML 109Page - Renesas Technology Corp HD6433713 Datasheet HTML 110Page - Renesas Technology Corp HD6433713 Datasheet HTML 111Page - Renesas Technology Corp HD6433713 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 324 page
background image
Section 5 RAM
5.1 Overview
The H8/3714 has 512 bytes of high-speed static RAM on-chip. The H8/3713 and the H8/3712
each has 384 bytes. The RAM is connected to the CPU by a 16-bit data bus, allowing high-speed
two-state access for both byte data and word data.
5.1.1 Block Diagram
Figure 5-1 shows a block diagram of the on-chip RAM.
Figure 5-1 RAM Block Diagram (H8/3714)
5.1.2 Display RAM Area
In the H8/3714, H8/3713 and H8/3712, RAM addresses H'FEC0 to H'FEFF are also used as a
display RAM for the VFD controller/driver. If the VFD controller/driver is not used, this area is
available as an ordinary RAM.
Internal data bus (upper 8 bits)
Even-numbered
addresses
Odd-numbered
addresses
H'FF7E
H'FF7F
Internal data bus (lower 8 bits)
H'FD80
H'FD82
H'FD81
H'FD83
H'FF7E
H'FD80
H'FD82
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com