Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 100Page - Renesas Technology Corp HD6433713 Datasheet HTML 101Page - Renesas Technology Corp HD6433713 Datasheet HTML 102Page - Renesas Technology Corp HD6433713 Datasheet HTML 103Page - Renesas Technology Corp HD6433713 Datasheet HTML 104Page - Renesas Technology Corp HD6433713 Datasheet HTML 105Page - Renesas Technology Corp HD6433713 Datasheet HTML 106Page - Renesas Technology Corp HD6433713 Datasheet HTML 107Page - Renesas Technology Corp HD6433713 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 324 page
background image
Table 4-4 DC Characteristics (preliminary)
(Conditions: VCC = 6.0 V ±0.25 V, VPP = 12.5 V ±0.3 V, VSS = 0.0 V, Ta = 25°C ±5°C)
Test
Item
Symbol Min
Typ Max
Unit Conditions
Input high-
EA14 to EA0, OE, CE
VIH
2.4
—
VCC + 0.3 V
level voltage
Input low-
EA14 to EA0, OE, CE
VIL
–0.3
—
0.8
V
level voltage
Output high-
EO7 to EO0
VOH
2.4
—
—
V
IOH = –200 µA
level voltage
Output low-
EO7 to EO0
VOL
—
—
0.45
V
IOL = 1.6 mA
level voltage
Input leakage EO7 to EO0, EA14 to EA0,|ILI|
—
—
2
µA
VIN =
current
OE, CE
5.25 V/0.5 V
VCC current
ICC
—
—
40
mA
VPP current
IPP
—
—
40
mA
Table 4-5 AC Characteristics
(Conditions: VCC = 6.0 V ±0.25 V, VPP = 12.5 V ±0.3 V, VSS = 0.0 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Address setup time
tAS
2
—
—
µs
Figure 4-5*
OE setup time
tOES
2
——µs
Data setup time
tDS
2
——µs
Address hold time
tAH
0
——µs
Data hold time
tDH
2
——µs
Data output disable time
tDF
0
—
130
ns
VPP setup time
tVPS
2
——µs
Programming pulse width
tPW
0.95
1.0
1.05
ms
CE pulse width for overwrite
tOPW
2.85
—
78.75
ms
programming
VCC setup time
tVCS
2
——µs
Data output delay time
tOE
0
—
500
ns
Notes: * Input pulse level: 0.8 to 2.2 V
Input rise time/fall time
≤ 20 ns
Timing reference levels Input:
1.0 V, 2.0 V
Output: 0.8 V, 2.0 V
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com