Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 103Page - Renesas Technology Corp HD6433713 Datasheet HTML 104Page - Renesas Technology Corp HD6433713 Datasheet HTML 105Page - Renesas Technology Corp HD6433713 Datasheet HTML 106Page - Renesas Technology Corp HD6433713 Datasheet HTML 107Page - Renesas Technology Corp HD6433713 Datasheet HTML 108Page - Renesas Technology Corp HD6433713 Datasheet HTML 109Page - Renesas Technology Corp HD6433713 Datasheet HTML 110Page - Renesas Technology Corp HD6433713 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 324 page
background image
4.3.3 Reliability of Written Data
An effective way to assure the data holding characteristics of the programmed chips is to bake
them at 150˚C, then screen them for data errors. This procedure quickly eliminates chips with
PROM memory cells prone to early data retention failure.
Figure 4-8 shows a flow chart of this screening procedure.
Figure 4-6 Recommended Screening Procedure
If write errors occur repeatedly while the same PROM programmer is being used, stop
programming and check for problems in the PROM programmer and socket adapter, etc.
Please notify your Hitachi representative of any problems occurring during programming or in
screening after high-temperature baking.
Install
Write program and verify written data
Bake chips with power off
150 C ± 10 C, 48 Hr
Read and check program
V
= 4.5 V and 5.5 V
Note: * Baking time is measured from when the oven reaches 150°C.
+8 Hr
–0 Hr
°°
CC
*
96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com