Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 108Page - Renesas Technology Corp HD6433713 Datasheet HTML 109Page - Renesas Technology Corp HD6433713 Datasheet HTML 110Page - Renesas Technology Corp HD6433713 Datasheet HTML 111Page - Renesas Technology Corp HD6433713 Datasheet HTML 112Page - Renesas Technology Corp HD6433713 Datasheet HTML 113Page - Renesas Technology Corp HD6433713 Datasheet HTML 114Page - Renesas Technology Corp HD6433713 Datasheet HTML 115Page - Renesas Technology Corp HD6433713 Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 324 page
background image
2.
Connecting a ceramic oscillator
•
Circuit configuration
Figure 6-4 shows a typical method of connecting a ceramic oscillator.
Figure 6-4 Typical Connection to Ceramic Oscillator
3.
Notes on board design
When generating clock pulses by connecting a crystal or ceramic oscillator, pay careful
attention to the following points.
Avoid running signal lines close to the oscillator circuit, since the oscillator may be adversely
affected by induction currents. (See figure 6-5.)
The board should be designed so that the oscillator and load capacitors are located as close as
possible to pins OSC1 and OSC2.
OSC
OSC
C1
C2
2
1
Rf
Ceramic
oscillator
Rf:
C1:
C2:
1 M
Ω ±20%
30 pF ±20%
30 pF ±20%
101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com