Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 110Page - Renesas Technology Corp HD6433713 Datasheet HTML 111Page - Renesas Technology Corp HD6433713 Datasheet HTML 112Page - Renesas Technology Corp HD6433713 Datasheet HTML 113Page - Renesas Technology Corp HD6433713 Datasheet HTML 114Page - Renesas Technology Corp HD6433713 Datasheet HTML 115Page - Renesas Technology Corp HD6433713 Datasheet HTML 116Page - Renesas Technology Corp HD6433713 Datasheet HTML 117Page - Renesas Technology Corp HD6433713 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 324 page
background image
6.3 Subclock Generator
1.
Connecting a 32.768 kHz crystal oscillator
Clock pulses can be supplied to the subclock divider by connecting a 32.768 kHz crystal
oscillator, as shown in figure 6-7. Follow the same precautions as noted for the system clock.
Figure 6-7 Typical Connection to Crystal Oscillator (Subclock)
Figure 6-8 shows the equivalent circuit of the crystal oscillator.
Figure 6-8 Equivalent Circuit of Crystal Oscillator
2.
Pin connection when not using subclock
When the subclock is not used, connect VCC to pin X1 and leave pin X2 open, as shown in
figure 6-9.
X
X
C1
C2
1
2
C1 = C2 = 15 pF typ
CS
C0
L
RS
C0 = 1.5 pF typ
RS = 14 k
typ
f = 32.768 kHz
Ω
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com