Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 109Page - Renesas Technology Corp HD6433713 Datasheet HTML 110Page - Renesas Technology Corp HD6433713 Datasheet HTML 111Page - Renesas Technology Corp HD6433713 Datasheet HTML 112Page - Renesas Technology Corp HD6433713 Datasheet HTML 113Page - Renesas Technology Corp HD6433713 Datasheet HTML 114Page - Renesas Technology Corp HD6433713 Datasheet HTML 115Page - Renesas Technology Corp HD6433713 Datasheet HTML 116Page - Renesas Technology Corp HD6433713 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 324 page
background image
Figure 6-5 Board Design of Oscillator Circuit
4.
External clock input
•
Circuit configuration
When an external clock is used, it is input at pin OSC1. Pin OSC2 should be left open.
Figure 6-6 shows a typical connection.
Figure 6-6 External Clock Input (Example)
•
External clock
Frequency
Twice clock frequency (
φ)
Duty cycle
45% to 55%
OSC
OSC
C2
C1
Signal A
H8/3714 Series
microcontroller
Signal B
2
1
To be avoided
OSC
OSC
Open
External clock input
1
2
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com