Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 219 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 219 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 215Page - Renesas Technology Corp HD6433713 Datasheet HTML 216Page - Renesas Technology Corp HD6433713 Datasheet HTML 217Page - Renesas Technology Corp HD6433713 Datasheet HTML 218Page - Renesas Technology Corp HD6433713 Datasheet HTML 219Page - Renesas Technology Corp HD6433713 Datasheet HTML 220Page - Renesas Technology Corp HD6433713 Datasheet HTML 221Page - Renesas Technology Corp HD6433713 Datasheet HTML 222Page - Renesas Technology Corp HD6433713 Datasheet HTML 223Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 324 page
background image
12.2.2 VFD Segment Control Register (VFSR)
VFSR is an 8-bit read/write register for control of segment output.
Upon reset, VFSR is initialized to H'20.
Bit 7: VFD/port switching flag (VFLAG)
Bit 7 designates whether pins Pnn/FDnn and Pnn/FSnn are used as VFD pins (FDnn, FSnn) or as
general-purpose ports (Pnn).
Bit 7
VFLAG
Description
0
All of pins Pnn/FDnn and all of pins Pnn/FSnn function as
(initial value)
general-purpose ports.
1
Pnn/FDnn and Pnn/FSnn function as VFD pins according to the designations in bits
DR3 to DR0 in the VFD digit control register (VFDR), bits SR4 to SR0 in VFSR, and
bits DBR3 to DBR0 in the digit beginning register (DBR).
Note:
Even when this flag is set to 1, during a key scan interval the segment pins function as
general-purpose ports; for this reason, when this flag is read during a key scan interval it
reads 0.
Bit 6: Key scan enable (KSE)
Bit 6 enables or disables the addition of a key scan interval (Tdigit) to the VFD operation frame
specified by the combination of bits DR3 to DR0 in the VFD digit control register, bits SR4 to
SR0 in the VFD segment control register, and bits DBR3 to DBR0 in the digit beginning register.
Bit 6
KSE
Description
0
No key scan interval.
(initial value)
1
A key scan interval can be added. See also under bit 7 (VFLAG) above.
Bit 5: Reserved bit
Bit 5 is reserved; it always reads 1, and cannot be modified.
Bit
Initial value
Read/Write
7
VFLAG
0
R/W
6
KSE
0
R/W
5
—
1
—
4
SR4
0
R/W
3
SR3
0
R/W
0
SR0
0
R/W
2
SR2
0
R/W
1
SR1
0
R/W
208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com