Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 223 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 223 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 219Page - Renesas Technology Corp HD6433713 Datasheet HTML 220Page - Renesas Technology Corp HD6433713 Datasheet HTML 221Page - Renesas Technology Corp HD6433713 Datasheet HTML 222Page - Renesas Technology Corp HD6433713 Datasheet HTML 223Page - Renesas Technology Corp HD6433713 Datasheet HTML 224Page - Renesas Technology Corp HD6433713 Datasheet HTML 225Page - Renesas Technology Corp HD6433713 Datasheet HTML 226Page - Renesas Technology Corp HD6433713 Datasheet HTML 227Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 324 page
background image
12.3 Operation
12.3.1 Overview
The VFD controller/driver may use up to 24 segment pins (FS) and up to 16 digit pins (FD). Of
these, 8 pins may be used as either segment or digit pins; their function is switched in the digit
beginning register (DBR). The 32 pins assigned to the VFD controller are high-voltage, high-
current pins capable of directly driving a VFD.
12.3.2 Control Section
The control section consists of the VFD digit control register (VFDR), VFD segment control
register (VFSR), digit beginning register (DBR), display timing generator circuit, and VFD
display RAM (see figure 12-1).
Display timing is determined by the number of digits per frame. When the key scan feature is
activated, the frame is extended by one digit; during that interval only, segment pins and digit pins
may be used as general purpose ports by the CPU. These pins are in the non-illuminating state
(pulled down) during the key scan interval.
12.3.3 RAM Bit Correspondence to Digits/Segments
VFD display data is set in the VFD display RAM at addresses H'FEC0 through H'FEFF.
Table 12-3 shows the correspondence between digit/segment pins and the VFD display RAM bits.
212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com