Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 223Page - Renesas Technology Corp HD6433713 Datasheet HTML 224Page - Renesas Technology Corp HD6433713 Datasheet HTML 225Page - Renesas Technology Corp HD6433713 Datasheet HTML 226Page - Renesas Technology Corp HD6433713 Datasheet HTML 227Page - Renesas Technology Corp HD6433713 Datasheet HTML 228Page - Renesas Technology Corp HD6433713 Datasheet HTML 229Page - Renesas Technology Corp HD6433713 Datasheet HTML 230Page - Renesas Technology Corp HD6433713 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 324 page
background image
13.1.2 Block Diagram
Figure 13-1 shows a block diagram of the A/D converter.
Figure 13-1 Block Diagram of A/D Converter
P00/AN0
Port
Port
Port
Port
Port
Port
Port
Port
MPX
PMR0 (8b)
AMR (4b)
P01/AN1
P02/AN2
P03/AN3
P04/AN4
P05/AN5
P06/AN6
P07/AN7
Reference voltage
AVCC
AVSS
VREF
R1
R255
R254
R253
R252
R251
+
–
ADSR
Control logic
Chopper-type comparator
Successive approximation finds the input
voltage by changing a reference voltage
(V
).
REF
RESET
LPM (low-power mode)
Interrupt
Control circuitry
(successive
approximation,
interrupt request, etc.)
One of 256 switches is selected by binary search.
The reference voltage value resulting from eight
comparisons is set in ADDR.
(The eighth value is equal to the analog input
voltage.)
The internal ladder resistance is 35 k
to 40 k
typ (approximately).
Upon reset and in low-power operation modes (sleep, watch, subactive,
or standby modes), the ladder resistance is disconnected from AV
ΩΩ
SS
by a switching transistor. The AV
current at this time is a leakage current
Alcc of 1 A or less (approximate value).
CC
µ
Notation:
PMR0:
AMR:
ADSR:
ADRR:
IRRAD:
RESET:
LPM:
Port mode register 0
A/D mode register
A/D start register
A/D result register
A/D conversion end interrupt request flag (interrupt request register 3)
Signal set to 1 upon reset
Signal set to 1 in low-power modes
ADRR
216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com