Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 230 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 230 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 226Page - Renesas Technology Corp HD6433713 Datasheet HTML 227Page - Renesas Technology Corp HD6433713 Datasheet HTML 228Page - Renesas Technology Corp HD6433713 Datasheet HTML 229Page - Renesas Technology Corp HD6433713 Datasheet HTML 230Page - Renesas Technology Corp HD6433713 Datasheet HTML 231Page - Renesas Technology Corp HD6433713 Datasheet HTML 232Page - Renesas Technology Corp HD6433713 Datasheet HTML 233Page - Renesas Technology Corp HD6433713 Datasheet HTML 234Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 324 page
background image
Bit 7: Clock select (AMR7)
Bit 7 sets the A/D conversion speed.*1
Bit 7
AMR7
Conversion Period*2
φ = 2 MHz
φ = 4 MHz
0
62/
φ
31 µs
14.8 µs
(initial value)
1
31/
φ
15.5 µs
—*1
Notes: 1. Operation is not guaranteed if the conversion time is less than 14.8 µs. Set bit 7 for a
value of at least 14.8 µs.
2. A/D conversion starts after a value of 1 is written to ADSF. The conversion period starts
when the start flag is set and ends when it is reset upon completion of conversion. The
actual time during which sample and hold are repeated is called the conversion interval
(see figure 13-2).
Figure 13-2 Internal Operation of A/D Converter
State
Conversion interval
Conversion period (31 or 62 states)
Interrupt request flag
IRQ sampling
(CPU)
When conversion is complete, the start flag is reset and the interrupt request flag
is set. An interrupt is recognized by the CPU in the last instruction execution state,
and interrupt exception handling is executed after that instruction is completed.
Note: IRQ sampling:
MOV B.
Instruction
execution
WRITE
Start flag
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com