Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 233 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 233 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 229Page - Renesas Technology Corp HD6433713 Datasheet HTML 230Page - Renesas Technology Corp HD6433713 Datasheet HTML 231Page - Renesas Technology Corp HD6433713 Datasheet HTML 232Page - Renesas Technology Corp HD6433713 Datasheet HTML 233Page - Renesas Technology Corp HD6433713 Datasheet HTML 234Page - Renesas Technology Corp HD6433713 Datasheet HTML 235Page - Renesas Technology Corp HD6433713 Datasheet HTML 236Page - Renesas Technology Corp HD6433713 Datasheet HTML 237Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 324 page
background image
13.2.4 Port Mode Register 0 (PMR0)
PMR0 is an 8-bit write-only register for designating whether each of the port 0 pins is used as a
general-purpose input pin or as an analog input channel to the A/D converter. Designation is
made separately for each pin.
Upon reset, PMR0 is initialized to H'00.
Bit n
ANn
Description
0
Pin P0n/ANn is used for general-purpose input.
(initial value)
1
Pin P0n/ANn is an analog input channel.
(n = 0 to 7)
13.3 Operation
The A/D converter operates by successive approximations, and yields its conversion result as 8-bit
data.
A/D conversion begins when software sets the A/D start flag (bit ADSF) to 1. Bit ADSF keeps a
value of 1 during A/D conversion, and is cleared to 0 automatically when conversion is complete.
The completion of conversion also sets bit IRRAD in interrupt request register 3 (IRR3) to 1. An
A/D conversion end interrupt is requested if bit IENAD in interrupt enable register 3 (IENR3) is
set to 1.
If the conversion time or input channel needs to be changed in the A/D mode register (AMR)
during A/D conversion, bit ADSF should first be cleared to 0, stopping the conversion operation,
in order to avoid misoperation.
13.4 Interrupts
When A/D conversion is complete (ADSF changes from 1 to 0), bit IRRAD in interrupt request
register 3 (IRR3) is set to 1.
A/D conversion end interrupts can be enabled or disabled by means of bit IENAD in interrupt
enable register 3 (IENR3).
For further details see 3.2.2, Interrupts.
Bit
Initial value
Read/Write
7
AN7
0
W
6
AN6
0
W
5
AN5
0
W
4
AN4
0
W
3
AN3
0
W
0
AN0
0
W
2
AN2
0
W
1
AN1
0
W
222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com