Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 229 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 229 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 225Page - Renesas Technology Corp HD6433713 Datasheet HTML 226Page - Renesas Technology Corp HD6433713 Datasheet HTML 227Page - Renesas Technology Corp HD6433713 Datasheet HTML 228Page - Renesas Technology Corp HD6433713 Datasheet HTML 229Page - Renesas Technology Corp HD6433713 Datasheet HTML 230Page - Renesas Technology Corp HD6433713 Datasheet HTML 231Page - Renesas Technology Corp HD6433713 Datasheet HTML 232Page - Renesas Technology Corp HD6433713 Datasheet HTML 233Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 324 page
background image
13.2 Register Descriptions
13.2.1 A/D Result Register (ADRR)
Note: * Not fixed
The A/D result register (ADRR) is an 8-bit read-only register for holding the result of analog-to-
digital conversion.
ADRR can be read by the CPU at any time, but the ADRR value during A/D conversion is not
fixed.
After A/D conversion is complete, the conversion result is stored in ADRR as 8-bit data; this data
is held in ADRR until the next conversion operation starts.
ADRR is not cleared on reset.
13.2.2 A/D Mode Register (AMR)
AMR is an 8-bit read/write register for selecting the A/D conversion speed and analog input pin.
Writing to AMR should be done with the A/D start flag (ADSF) cleared to 0 in the A/D start
register (ADSR).
Upon reset, AMR is initialized to H'78.
Bit
Initial value
Read/Write
7
ADR7
R
6
ADR6
R
5
ADR5
R
4
ADR4
R
3
ADR3
R
0
ADR0
R
2
ADR2
R
1
ADR1
R
**
*
*
*
*
*
*
Bit
Initial value
Read/Write
7
AMR7
0
R/W
6
—
1
—
5
—
1
—
4
—
1
—
3
—
1
—
0
AMR0
0
R/W
2
AMR2
0
R/W
1
AMR1
0
R/W
218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com