Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 237Page - Renesas Technology Corp HD6433713 Datasheet HTML 238Page - Renesas Technology Corp HD6433713 Datasheet HTML 239Page - Renesas Technology Corp HD6433713 Datasheet HTML 240Page - Renesas Technology Corp HD6433713 Datasheet HTML 241Page - Renesas Technology Corp HD6433713 Datasheet HTML 242Page - Renesas Technology Corp HD6433713 Datasheet HTML 243Page - Renesas Technology Corp HD6433713 Datasheet HTML 244Page - Renesas Technology Corp HD6433713 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 324 page
background image
14.2 HD6473714 Electrical Characteristics
14.2.1 HD6473714 DC Characteristics
Table 14-2 gives the allowable current values of the HD6473714. Table 14-3 gives the DC
characteristics.
Table 14-2 Allowable Output Current Values
Conditions: VCC = 4.0 to 5.5 V, VSS = 0.0 V, Ta = –20 to +75°C
Item
Symbol
Rating
Unit
Notes
Allowable input current (sink)
IO
2
mA
1, 2
Allowable output current (source)
–IO
2
mA
2, 3
Allowable output current (source)
–IO
20
mA
3, 4
Total allowable input current (sink)
∑I
O
50
mA
5
Total allowable output current (source)
–
∑I
O
150
mA
6
Notes: 1. Allowable input current means the maximum current that can flow from each I/O pin to
VSS.
2. Applies to standard-voltage pins.
3. Allowable output current means the maximum current that can flow from VCC to each I/O
pin.
4. Applies to high-voltage pins.
5. Total allowable input current means the sum of current that can flow at one time from all
I/O pins to VSS.
6. Total allowable output current means the sum of current that can flow from VCC to all I/O
pins.
230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com