Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 240Page - Renesas Technology Corp HD6433713 Datasheet HTML 241Page - Renesas Technology Corp HD6433713 Datasheet HTML 242Page - Renesas Technology Corp HD6433713 Datasheet HTML 243Page - Renesas Technology Corp HD6433713 Datasheet HTML 244Page - Renesas Technology Corp HD6433713 Datasheet HTML 245Page - Renesas Technology Corp HD6433713 Datasheet HTML 246Page - Renesas Technology Corp HD6433713 Datasheet HTML 247Page - Renesas Technology Corp HD6433713 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 324 page
background image
Table 14-3 DC Characteristics (cont)
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Notes
I/O leakage |IIL|
TEST
VIN = 0.0 to VCC
——
1
µA
current
SCK1, SCK2
SI1, SI2
IRQ0, IRQ1,
IRQ4, IRQ5
EVENT, UD
OSC1
P00 to P07
P10, P11
P14 to P16
P90 to P97
P40 to P47
VIN = VCC –40
—
—
20
µA
P50 to P57
to VCC
P60 to P67
P70 to P77
P17
Input
CIN
Input pins
f = 1 MHz, VIN = 0 V
—
—
20
pF
capaci-
other than
Ta = 25°C
tance
power supply
pins and I/O
pins
P16/EVENT
——
35
RES
——
70
Applicable
Pins
233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com