Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 243Page - Renesas Technology Corp HD6433713 Datasheet HTML 244Page - Renesas Technology Corp HD6433713 Datasheet HTML 245Page - Renesas Technology Corp HD6433713 Datasheet HTML 246Page - Renesas Technology Corp HD6433713 Datasheet HTML 247Page - Renesas Technology Corp HD6433713 Datasheet HTML 248Page - Renesas Technology Corp HD6433713 Datasheet HTML 249Page - Renesas Technology Corp HD6433713 Datasheet HTML 250Page - Renesas Technology Corp HD6433713 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 324 page
background image
14.2.2 HD6473714 AC Characteristics
Table 14-4 gives the control signal timing of the HD6473714. Table 14-5 gives the serial interface
timing.
Table 14-4 Control Signal Timing
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
fOSC
2
—
8.4
MHz
VCC = 2.7 to 5.5 V
2
—
4.2
Clock cycle time
tCYC
119
—
500
ns
VCC = 2.7 to 5.5 V
238
—
500
φ
238
—
1000
ns
VCC = 2.7 to 5.5 V
476
—
1000
Subclock pulse
fx
X1, X2
VCC = 2.7 to 5.5 V
—
32.768 —
kHz
generator
frequency
Subclock cycle
tsubcyc
X1, X2
VCC = 2.7 to 5.5 V
—
30.5
—
µs
time
Subactive
φ
SUB
VCC = 2.7 to 5.5 V
—
244.14 —
µs
instruction cycle
time
trc
——
40
ms
VCC = 2.7 to 5.5 V
—
—
60
trc
——
20
ms
VCC = 2.7 to 5.5 V
—
—
40
Oscillator
trc
X1, X2
VCC = 2.7 to 5.5 V
—
—
2
s
settling time
tCPH
OSC1
40
—
—
ns
VCC = 2.7 to 5.5 V
100
—
—
tCPL
OSC1
40
—
—
ns
VCC = 2.7 to 5.5 V
100
—
—
tCPr
OSC1
——
20
ns
VCC = 2.7 to 5.5 V
—
—
20
tCPf
OSC1
——
20
ns
VCC = 2.7 to 5.5 V
—
—
20
Applicable
Pins
Reference
Diagram
Figure
14-1
Figure
14-1
Clock pulse
generator
frequency
Instruction cycle
time
Oscillator settling
time (crystal
oscillator)
Oscillator settling
time (ceramic
oscillator)
External clock
pulse width (high)
External clock
pulse width (low)
External clock
rise time
External clock fall
time
OSC1,
OSC2,
OSC1,
OSC2,
OSC1,
OSC2,
OSC1,
OSC2,
236



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com