Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 246Page - Renesas Technology Corp HD6433713 Datasheet HTML 247Page - Renesas Technology Corp HD6433713 Datasheet HTML 248Page - Renesas Technology Corp HD6433713 Datasheet HTML 249Page - Renesas Technology Corp HD6433713 Datasheet HTML 250Page - Renesas Technology Corp HD6433713 Datasheet HTML 251Page - Renesas Technology Corp HD6433713 Datasheet HTML 252Page - Renesas Technology Corp HD6433713 Datasheet HTML 253Page - Renesas Technology Corp HD6433713 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 324 page
background image
14.2.3 HD6473714 A/D Converter Characteristics
Table 14-6 gives the HD6473714 A/D converter characteristics.
Table 14-6 A/D Converter Characteristics
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Notes
Analog
AVCC
AVCC
VCC –0.3
VCC
VCC +0.3
V
supply
voltage
Analog
AVIN
AN0 to AN7
AVSS
—AVCC
V
input voltage
AICC
AVCC
AVCC = 5 V
—
—
200
µA
AISTOP
Reset and power-
—
—
10
µA
down mode
Analog input
CAIN
AN0 to AN7
—
—
30
pF
capacitance
Allowable
RAIN
AN0 to AN7
——
10
k
Ω
signal source
impedance
Resolution
—
—
8
Bit
Absolute
VCC = AVCC = 5 V
—
—
±2.5
LSB
VCC = AVCC =
—
±2.5
—
Reference
4.0 to 5.5 V
value
Conversion
31
15.5
14.8
µs
time
Applicable
Pins
Analog
supply
current
Absolute
accuracy
239



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com