Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 249Page - Renesas Technology Corp HD6433713 Datasheet HTML 250Page - Renesas Technology Corp HD6433713 Datasheet HTML 251Page - Renesas Technology Corp HD6433713 Datasheet HTML 252Page - Renesas Technology Corp HD6433713 Datasheet HTML 253Page - Renesas Technology Corp HD6433713 Datasheet HTML 254Page - Renesas Technology Corp HD6433713 Datasheet HTML 255Page - Renesas Technology Corp HD6433713 Datasheet HTML 256Page - Renesas Technology Corp HD6433713 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 324 page
background image
Table 14-8 DC Characteristics (cont)
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Notes
VOH
–IOH = 1.0 mA
VCC –1.0 —
—
V
–IOH = 0.5 mA
VCC –0.5 —
—
VCC = 2.7 to 5.5 V
VCC –0.5 —
—
–IOH = 0.3 mA
–IOH = 15 mA
VCC –3.0 —
—
V
–IOH = 10 mA
VCC –2.0 —
—
–IOH = 4 mA
VCC –1.0 —
—
VCC = 2.7 to 5.5 V
—
VCC –1.0 —
V
Reference
–IOH = 4 mA
value
Output low
VOL
P10, P11
VCC = 4.0 to 5.5 V
—
—
0.4
V
voltage
P14, P15
IOL = 1.6 mA
P90 to P97
PWM, SO1,VCC = 2.7 to 5.5 V
—
0.4
—
V
Reference
SO2, SCK1,IOL = 0.5 mA
value
SCK2
Vdisp = VCC –40 V
—
—
VCC –37
V
With
MOS
pull-down
Pull-down
—
—
VCC –37
resistance
150 k
Ω; pull-down
voltage VCC –40 V
Input
|IIL|
RES
Mask ROM version:
—
—
1
µA
leakage
VIN = 0.0 to VCC
current
P10, P11
P14, P15
P90 to P97
PWM, SO1,
SO2, SCK1,
SCK2
Applicable
Pins
Output high
voltage
P40 to P47
P50 to P57
P60 to P67
P70 to P77
P40 to P47
P50 to P57
P60 to P67
P70 to P77
242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com