Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 251Page - Renesas Technology Corp HD6433713 Datasheet HTML 252Page - Renesas Technology Corp HD6433713 Datasheet HTML 253Page - Renesas Technology Corp HD6433713 Datasheet HTML 254Page - Renesas Technology Corp HD6433713 Datasheet HTML 255Page - Renesas Technology Corp HD6433713 Datasheet HTML 256Page - Renesas Technology Corp HD6433713 Datasheet HTML 257Page - Renesas Technology Corp HD6433713 Datasheet HTML 258Page - Renesas Technology Corp HD6433713 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 324 page
background image
Table 14-8 DC Characteristics (cont)
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Notes
IOPE
VCC
VCC = 5 V,
—
15
—
mA
fOSC = 8 MHZ
VCC = 5 V,
—
8
—
fOSC = 4 MHz
VCC = 3 V,
—
5
—
fOSC = 4 MHz
IRES
VCC
VCC = 5 V,
—
5
8
mA
1
fOSC = 8 MHz
VCC = 5 V,
—
2.5
4
fOSC = 4 MHz
VCC = 3 V,
—
1.3
—
fOSC = 4 MHz
ISLEEP
VCC
VCC = 5 V,
—
2
3
mA
1
fOSC = 8 MHz
VCC = 5 V,
—
1
1.5
fOSC = 4 MHz
VCC = 3 V,
—
0.6
—
fOSC = 4 MHz
ISUB
VCC
—5
20
µA
—9
—
µA
2
—
13
—
µA
Reference
value
—
20
—
µA
2
IWATCH
VCC
—
2.2
5
µA
—
2.8
—
µA
2
—
6
—
µA
Reference
value
—8
—
µA
2
Power
ISTBY
VCC
32 kHz crystal
—
—
5
µA
dissipation
oscillator not used
in standby
X1 = VCC
mode
Applicable
Pins
Power
dissipation
when CPU
operating in
active mode
Power
dissipation
during reset
in active
mode
Reference
value
1
Power
dissipation in
sleep mode
Power
dissipation in
subactive
mode
Power
dissipation in
watch mode
VCC = 2.5 V
32 kHz crystal
oscillator used
VCC = 5.0 V
32 kHz crystal
oscillator used
VCC = 2.5 V
32 kHz crystal
oscillator used
VCC = 5.0 V
32 kHz crystal
oscillator used
244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com