Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 259 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 259 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 255Page - Renesas Technology Corp HD6433713 Datasheet HTML 256Page - Renesas Technology Corp HD6433713 Datasheet HTML 257Page - Renesas Technology Corp HD6433713 Datasheet HTML 258Page - Renesas Technology Corp HD6433713 Datasheet HTML 259Page - Renesas Technology Corp HD6433713 Datasheet HTML 260Page - Renesas Technology Corp HD6433713 Datasheet HTML 261Page - Renesas Technology Corp HD6433713 Datasheet HTML 262Page - Renesas Technology Corp HD6433713 Datasheet HTML 263Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 324 page
background image
Table 14-10 Serial Interface Timing (cont)
Conditions: Unless otherwise indicated, VCC = 4.0 to 5.5 V, Vdisp = VCC – 40 to VCC,
VSS = 0.0 V, Ta = –20 to +75°C
Rating
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input serial
tSCKL
VCC = 2.7 to 5.5 V
0.4
—
—
tscyc
Figure
clock pulse
14-6
width (low)
tSCKr
——
60
ns
VCC = 2.7 to 5.5 V
—
—
80
tSCKf
——
60
ns
VCC = 2.7 to 5.5 V
—
—
80
tdSO
SO1, SO2
—
—
200
ns
VCC = 2.7 to 5.5 V
—
—
350
tsSI
SI1, SI2
230
—
—
ns
VCC = 2.7 to 5.5 V
470
—
—
thSI
SI1, SI2
230
—
—
ns
VCC = 2.7 to 5.5 V
470
—
—
Transfer pending
tSCK2
SCK2
When pin SCK2 is
0.2
—
40
µs
Figure
time
input pin
14-7
When pin SCK2 is
0.4
—
40
input pin
VCC = 2.7 to 5.5 V
When pin SCK2 is
—
—
1
tscyc
output pin
VCC = 2.7 to 5.5 V
Transfer end
tCS
CS
VCC = 2.7 to 5.5 V
3
—
4
φ
acknowledge
time
Applicable
Pins
Reference
Diagram
Input serial
clock rise time
Input serial
clock fall time
Serial output
data delay time
Serial input data
setup time
Serial input data
hold time
SCK1,
SCK2
SCK1,
SCK2
SCK1,
SCK2
248



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com