Electronic Components Datasheet Search
  English  ▼

X  

HD6433713 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # HD6433713
Description  single-chip microcontrollers
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433713 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button HD6433713 Datasheet HTML 258Page - Renesas Technology Corp HD6433713 Datasheet HTML 259Page - Renesas Technology Corp HD6433713 Datasheet HTML 260Page - Renesas Technology Corp HD6433713 Datasheet HTML 261Page - Renesas Technology Corp HD6433713 Datasheet HTML 262Page - Renesas Technology Corp HD6433713 Datasheet HTML 263Page - Renesas Technology Corp HD6433713 Datasheet HTML 264Page - Renesas Technology Corp HD6433713 Datasheet HTML 265Page - Renesas Technology Corp HD6433713 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 324 page
background image
Figure 14-5 UD Pin Minimum High/Low Width
Figure 14-6 SCI I/O Timing
VIH
VIL
tUDL
tUDH
UD
VIL or VOL*
VIH or VOH*
SCK1
SCK2
tscyc
tSCKf
tSCKL
tSCKH
tdso
tSCKr
VOH*
VOL*
tssi
thsi
SO1
SO2
SI1
SI2
Output timing reference levels:
Output high level:
Output low level:
Note: *
VOH: 2.0 V
VOL: 0.8 V
See figure 14-8 for the load conditions.
251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com